Part Number Hot Search : 
B2101 PTR90 HCT574 MAX3013 DDLK0307 3EVKIT L4728 UMA22CA
Product Description
Full Text Search

50SST240 - Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX

50SST240_726156.PDF Datasheet


 Full text search : Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX


 Related Part Number
PART Description Maker
HFA240NJ40CPBF HEXFRED? Ultrafast Soft Recovery Diode, 240 A
HEXFRED庐 Ultrafast Soft Recovery Diode, 240 A
HEXFRED㈢ Ultrafast Soft Recovery Diode, 240 A
Vishay Siliconix
ADM1170-2AUJZ-RL7 1.6 V to 16.5 V Hot Swap Controller with Soft Start
ANALOG DEVICES INC
APL3546LAKAI-TRG APL3546A Power -Distribution Switches with Soft Start
Anpec Electronics Coropration
TD2420Q 20Amp 120/240 Vac AC Output
Crydom
LT1946AEMS8E LT1946A 2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LINER[Linear Technology]
NCP631_06 NCP631 NCP631GD2T NCP631GD2TG NCP631GD2T 3.0 A Linear Voltage Regulator with Soft−Start
ONSEMI[ON Semiconductor]
EUP3420 EUP3420JIR1 EUP3420MIR1 2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
Eutech Microelectronics Inc
EZ240A12 EZ480A12 EZ480A18 EZ240A18 EZE480D18 EZ24 5-18Amp 120/240, 480 Vac AC Output
5-18Amp 120/240, 480 Vac AC Output
List of Unclassifed Manufacturers
ETC[ETC]
N.A.
LT3580 LT3580EDD-PBF LT3580EDD-TRPBF LT3580EMS8E-P Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
Linear Technology
LT3467A 1.1A Step-Up DC/DC Converter in ThinSOT™ with Integrated Soft-Start
Linear Technology
KB3302EMS KB3302DD KB3302 2Amp, 2MHz Step-up Switching regulator with Soft-Start
Kingbor Technology Co
 
 Related keyword From Full Text Search System
50SST240 rectifier 50SST240 Technolog 50SST240 video monitor 50SST240 saw filter 50SST240 Price
50SST240 中文简介 50SST240 Amplifier 50SST240 Package 50SST240 Mosfet 50SST240 Interrupt
 

 

Price & Availability of 50SST240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.15059089660645